| データシートサーチシステム |
|
TCDA1312-R56M データシート(PDF) 1 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
TCDA1312-R56M データシート(HTML) 1 Page - Token Electronics Industry Co., Ltd. |
|
1 / 9 page ![]() 01 of 09 Version 2010 Large Current Power Inductor, Low DCR - TCDA Series Large Current Power Inductor TCDA Large Current Power Inductor Technology of Diagonal Through Hole Power Inductor Design (TCDA) Preview Token’s TCDA Large Current Series power inductors feature with high current, low DC resistance, high frequency, easy heat dissipation, and high reliability advantages. Token utilizes the latest technology of diagonal through hole power inductor design enabling the most cost- effective propose in manufacturing TCDA Products. Token will also produce devices outside these specifications to meet customer requirements, with comprehensive application engineering and design support available for customers worldwide. The TCDA series is lead-free and RoHS compliant. Detailed specifications, both mechanical and electrical, please contact our sales representative for more information. Features : - Low DCR. - High Frequency (up to 1MHz). - Low Profile: 7.5mm ~ 10.0mm - For Large Current Use: 12 ~ 45 amp. - Diagonal Through Hole Power Inductor. Applications : - Graphic Card/ VGA Module. - Inductor for general purpose use. - Laptop Computer / Notebook Computer. - DC/DC converter or VRM applications. - Thin type on-board power supply module for exchanger. http://www.token.com.tw/ rfq token.com.tw TOKEN |
同様の部品番号 - TCDA1312-R56M |
|
同様の説明 - TCDA1312-R56M |