| データシートサーチシステム |
|
TPSPA-0603-R82M データシート(PDF) 3 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
TPSPA-0603-R82M データシート(HTML) 3 Page - Token Electronics Industry Co., Ltd. |
|
3 / 9 page ![]() 03 of 09 (TPSPA0603A) Electrical Characteristics Part Number L0 Inductance (µH) ±20% @0A DCR (mΩ) Heat Rating Current Idc (Amp) Typical Saturation Current Isat (Amp) Typical (Typical) (Max) TPSPA-0603A-1R0M 1.0 7.6 8.0 12.5 9.5 TPSPA-0603A-1R5M 1.5 11.7 12.5 10.5 8.0 TPSPA-0603A-2R2M 2.2 15.7 16.5 9.0 7.0 TPSPA-0603A-3R3M 3.3 24.8 26.0 7.0 6.5 TPSPA-0603A-4R7M 4.7 31.8 33.4 6.0 4.0 TPSPA-0603A-6R8M 6.8 44.6 46.8 5.5 4.0 TPSPA-0603A-8R2M 8.2 52.3 54.9 5.0 4.0 TPSPA-0603A-100M 10.0 67.8 71.2 4.0 3.5 TPSPA-0603A-220M 22.0 128.9 135.0 2.9 2.5 Note: All test Data is referenced to 25°C ambient. Typical Heat Rating DC Current would cause an approximately ΔT of 40°C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25°C to +125°C. (TPSPA1040) Electrical Characteristics Part Numbers L0 Inductance (µH) ±20% @0A DCR (mΩ) Heat Rating Current Idc (Amp) Typical Saturation Current Isat (Amp) Typical (Typical) (Max) TPSPA-1040-R19M 0.19 0.50 0.60 44 44 TPSPA-1040-R24M 0.24 0.70 0.80 38 38 TPSPA-1040-R36M 0.36 0.85 0.95 35 35 TPSPA-1040-R47M 0.47 1.20 1.40 32 32 TPSPA-1040-R56M 0.56 1.25 1.35 30 30 TPSPA-1040-R68M 0.68 1.60 1.80 25 30 TPSPA-1040-R78M 0.78 1.60 1.70 25 25 TPSPA-1040-1R0M 1.0 2.20 2.50 20 20 TPSPA-1040-1R8M 1.8 4.50 5.00 15 15 TPSPA-1040-2R0M 2.0 5.20 5.80 14 14 Note: All test Data is referenced to 25°C ambient. Typical Heat Rating DC Current would cause an approximately ΔT of 40°C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25°C to +125°C. TPSPA High Saturation Power Inductors TOKEN http://www.token.com.tw/ rfq token.com.tw Version 2010 |