| データシートサーチシステム |
|
TPSPA-1250-R22M データシート(PDF) 6 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
TPSPA-1250-R22M データシート(HTML) 6 Page - Token Electronics Industry Co., Ltd. |
|
6 / 9 page ![]() 06 of 09 (TPSPA1240) Electrical Characteristics Part Numbers L0 Inductance (µH) ±20% @0A DCR (mΩ) Heat Rating Current Idc (Amp) Typical Saturation Current Isat (Amp) Typical (Typical) (Max) TPSPA-1240-R10M 0.10 0.90 1.10 43 75 TPSPA-1240-R22M 0.22 1.20 1.40 41 70 TPSPA-1240-R33M s0.33 1.30 1.50 38 60 TPSPA-1240-R47M 0.47 1.40 1.90 32 55 TPSPA-1240-R60M 0.60 2.00 2.30 30 50 TPSPA-1240-R68M 0.68 2.10 2.50 28 46 TPSPA-1240-R82M 0.82 2.70 3.10 25 44 TPSPA-1240-0R9M 0.9 3.00 3.50 24 40 TPSPA-1240-1R0M 1.0 3.00 3.70 24 38 TPSPA-1240-1R2M 1.2 3.00 3.70 20 25 TPSPA-1240-1R5M 1.5 5.50 6.00 19 30 TPSPA-1240-1R8M 1.8 6.40 7.60 16 26 TPSPA-1240-2R2M 2.2 6.40 7.60 16 22 TPSPA-1240-3R3M 3.3 7.50 8.40 14 20 TPSPA-1240-4R7M 4.7 10.50 12.00 11 15 Note: All test Data is referenced to 25°C ambient. Typical Heat Rating DC Current would cause an approximately ΔT of 40°C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25°C to +125°C. TPSPA High Saturation Power Inductors TOKEN Version 2010 http://www.token.com.tw/ rfq token.com.tw |