データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC2G86GD データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74HC2G86GD
部品情報  Dual 2-input exclusive-OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G86GD データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74HC2G86GD Datasheet HTML 3Page - NXP Semiconductors 74HC2G86GD Datasheet HTML 4Page - NXP Semiconductors 74HC2G86GD Datasheet HTML 5Page - NXP Semiconductors 74HC2G86GD Datasheet HTML 6Page - NXP Semiconductors 74HC2G86GD Datasheet HTML 7Page - NXP Semiconductors 74HC2G86GD Datasheet HTML 8Page - NXP Semiconductors 74HC2G86GD Datasheet HTML 9Page - NXP Semiconductors 74HC2G86GD Datasheet HTML 10Page - NXP Semiconductors 74HC2G86GD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74HC_HCT2G86_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 7 May 2009
7 of 14
NXP Semiconductors
74HC2G86; 74HCT2G86
Dual 2-input exclusive-OR gate
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
Propagation delay data input (nA, nB) to data output (nY) and transition time output (nY)
001aak020
nA, nB input
nY output
tTHL
tTLH
VM
VI
GND
VOH
VOL
VM
VX
VY
tPHL
tPLH
Table 9.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC2G86
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT2G86
1.3 V
1.3 V
0.1VCC
0.9VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14