データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HAL856 データシート(PDF) 30 Page - Micronas

部品番号 HAL856
部品情報  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 データシート(HTML) 30 Page - Micronas

Back Button HAL856 Datasheet HTML 26Page - Micronas HAL856 Datasheet HTML 27Page - Micronas HAL856 Datasheet HTML 28Page - Micronas HAL856 Datasheet HTML 29Page - Micronas HAL856 Datasheet HTML 30Page - Micronas HAL856 Datasheet HTML 31Page - Micronas HAL856 Datasheet HTML 32Page - Micronas HAL856 Datasheet HTML 33Page - Micronas HAL856 Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
HAL856
DATA SHEET
30
March 23, 2010; DSH000142_002EN
Micronas
4.3. Temperature Compensation
The relationship between the temperature coefficient
of the magnet and the corresponding TC and TCSQ
codes for linear compensation is given in the following
table. In addition to the linear change of the magnetic
field with temperature, the curvature can be adjusted
as well. For this purpose, other TC and TCSQ combi-
nations are required which are not shown in the table.
Micronas also offers a software named TC-Calc to
optimize the TC and TCSQ values for each individual
application based on customer measurement results.
Please contact Micronas for more detailed information.
Table 4–1: Temperature compensation
Typ. Temperature
Coefficient of
Magnet (ppm/K)
TC
TCSQ
600
31
0
570
30
0
540
29
0
520
28
0
490
27
0
470
26
0
440
25
0
420
24
0
360
23
1
330
22
1
300
21
1
280
20
1
260
19
1
240
18
1
200
17
1
180
16
1
150
15
1
130
14
1
60
13
2
40
12
2
10
11
2
−20
10
2
−50
9
2
−70
8
2
−100
7
3
−180
6
3
−200
5
3
−230
4
3
−260
3
3
−280
2
4
−360
1
4
−390
0
4
−410
−31
4
−490
−30
5
−510
−29
5
−540
−28
5
−610
−27
6
−640
−26
6
−670
−25
6
−740
−24
7
−780
−23
7
−840
−22
8
−880
−21
8
−950
−20
9
−980
−19
9
−1010
−18
9
−1080
−17
10
−1150
−16
11
−1180
−15
11
−1270
−14
12
−1290
−13
12
−1360
−12
13
−1430
−11
14
−1460
−10
14
−1540
−915
−1600
−816
−1670
−717
Table 4–1: Temperature compensation, continued
Typ. Temperature
Coefficient of
Magnet (ppm/K)
TC
TCSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42