| データシートサーチシステム |
|
PAM1707BZKB4 データシート(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PAM1707BZKB4 データシート(HTML) 63 Page - Texas Instruments |
|
63 / 198 page ![]() AM1707 www.ti.com SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 Table 6-16. Parameter Set Entries (continued) HEX OFFSET ADDRESS ACRONYM PARAMETER ENTRY WITHIN THE PARAMETER SET 0x0018 SRC_DST_CIDX Source C Index, Destination C Index 0x001C CCNT C Count Table 6-17. EDMA Events Event Event Name / Source Event Event Name / Source 0 McASP0 Receive 16 MMCSD Receive 1 McASP0 Transmit 17 MMCSD Transmit 2 McASP1 Receive 18 SPI1 Receive 3 McASP1 Transmit 19 SPI1 Transmit 4 McASP2 Receive 20 PRU_EVTOUT6 5 McASP2 Transmit 21 PRU_EVTOUT7 6 GPIO Bank 0 Interrupt 22 GPIO Bank 2 Interrupt 7 GPIO Bank 1 Interrupt 23 GPIO Bank 3 Interrupt 8 UART0 Receive 24 I2C0 Receive 9 UART0 Transmit 25 I2C0 Transmit 10 Timer64P0 Event Out 12 26 I2C1 Receive 11 Timer64P0 Event Out 34 27 I2C1 Transmit 12 UART1 Receive 28 GPIO Bank 4 Interrupt 13 UART1 Transmit 29 GPIO Bank 5 Interrupt 14 SPI0 Receive 30 UART2 Receive 15 SPI0 Transmit 31 UART2 Transmit Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 63 Submit Documentation Feedback Product Folder Link(s): AM1707 |