| データシートサーチシステム |
|
AM1808AZCED3 データシート(PDF) 86 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCED3 データシート(HTML) 86 Page - Texas Instruments |
|
86 / 264 page ![]() AM1808 SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com 6.8 Power and Sleep Controller (PSC) The Power and Sleep Controllers (PSC) are responsible for managing transitions of system power on/off, clock on/off, resets (device level and module level). It is used primarily to provide granular power control for on chip modules (peripherals and CPU). A PSC module consists of a Global PSC (GPSC) and a set of Local PSCs (LPSCs). The GPSC contains memory mapped registers, PSC interrupts, a state machine for each peripheral/module it controls. An LPSC is associated with every module that is controlled by the PSC and provides clock and reset control. The PSC includes the following features: • Provides a software interface to: – Control module clock enable/disable – Control module reset – Control CPU local reset • Supports IcePick emulation features: power, clock and reset PSC0 controls 16 local PSCs. PSC1 controls 32 local PSCs. Table 6-8. Power and Sleep Controller (PSC) Registers PSC0 BYTE PSC1 BYTE ACRONYM REGISTER DESCRIPTION ADDRESS ADDRESS 0x01C1 0000 0x01E2 7000 REVID Peripheral Revision and Class Information Register 0x01C1 0018 0x01E2 7018 INTEVAL Interrupt Evaluation Register 0x01C1 0040 0x01E2 7040 MERRPR0 Module Error Pending Register 0 (module 0-15) (PSC0) Module Error Pending Register 0 (module 0-31) (PSC1) 0x01C1 0050 0x01E2 7050 MERRCR0 Module Error Clear Register 0 (module 0-15) (PSC0) Module Error Clear Register 0 (module 0-31) (PSC1) 0x01C1 0060 0x01E2 7060 PERRPR Power Error Pending Register 0x01C1 0068 0x01E2 7068 PERRCR Power Error Clear Register 0x01C1 0120 0x01E2 7120 PTCMD Power Domain Transition Command Register 0x01C1 0128 0x01E2 7128 PTSTAT Power Domain Transition Status Register 0x01C1 0200 0x01E2 7200 PDSTAT0 Power Domain 0 Status Register 0x01C1 0204 0x01E2 7204 PDSTAT1 Power Domain 1 Status Register 0x01C1 0300 0x01E2 7300 PDCTL0 Power Domain 0 Control Register 0x01C1 0304 0x01E2 7304 PDCTL1 Power Domain 1 Control Register 0x01C1 0400 0x01E2 7400 PDCFG0 Power Domain 0 Configuration Register 0x01C1 0404 0x01E2 7404 PDCFG1 Power Domain 1 Configuration Register 0x01C1 0800 0x01E2 7800 MDSTAT0 Module 0 Status Register 0x01C1 0804 0x01E2 7804 MDSTAT1 Module 1 Status Register 0x01C1 0808 0x01E2 7808 MDSTAT2 Module 2 Status Register 0x01C1 080C 0x01E2 780C MDSTAT3 Module 3 Status Register 0x01C1 0810 0x01E2 7810 MDSTAT4 Module 4 Status Register 0x01C1 0814 0x01E2 7814 MDSTAT5 Module 5 Status Register 0x01C1 0818 0x01E2 7818 MDSTAT6 Module 6 Status Register 0x01C1 081C 0x01E2 781C MDSTAT7 Module 7 Status Register 0x01C1 0820 0x01E2 7820 MDSTAT8 Module 8 Status Register 0x01C1 0824 0x01E2 7824 MDSTAT9 Module 9 Status Register 0x01C1 0828 0x01E2 7828 MDSTAT10 Module 10 Status Register 0x01C1 082C 0x01E2 782C MDSTAT11 Module 11 Status Register 0x01C1 0830 0x01E2 7830 MDSTAT12 Module 12 Status Register 0x01C1 0834 0x01E2 7834 MDSTAT13 Module 13 Status Register 86 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1808 |