| データシートサーチシステム |
|
AM1808AZCED3 データシート(PDF) 152 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCED3 データシート(HTML) 152 Page - Texas Instruments |
|
152 / 264 page ![]() AM1808 SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com 6.17.1 SPI Peripheral Registers Description(s) Table 6-67 is a list of the SPI registers. Table 6-67. SPIx Configuration Registers SPI0 SPI1 ACRONYM DESCRIPTION BYTE ADDRESS BYTE ADDRESS 0x01C4 1000 0x01F0 E000 SPIGCR0 Global Control Register 0 0x01C4 1004 0x01F0 E004 SPIGCR1 Global Control Register 1 0x01C4 1008 0x01F0 E008 SPIINT0 Interrupt Register 0x01C4 100C 0x01F0 E00C SPILVL Interrupt Level Register 0x01C4 1010 0x01F0 E010 SPIFLG Flag Register 0x01C4 1014 0x01F0 E014 SPIPC0 Pin Control Register 0 (Pin Function) 0x01C4 1018 0x01F0 E018 SPIPC1 Pin Control Register 1 (Pin Direction) 0x01C4 101C 0x01F0 E01C SPIPC2 Pin Control Register 2 (Pin Data In) 0x01C4 1020 0x01F0 E020 SPIPC3 Pin Control Register 3 (Pin Data Out) 0x01C4 1024 0x01F0 E024 SPIPC4 Pin Control Register 4 (Pin Data Set) 0x01C4 1028 0x01F0 E028 SPIPC5 Pin Control Register 5 (Pin Data Clear) 0x01C4 102C 0x01F0 E02C Reserved Reserved - Do not write to this register 0x01C4 1030 0x01F0 E030 Reserved Reserved - Do not write to this register 0x01C4 1034 0x01F0 E034 Reserved Reserved - Do not write to this register 0x01C4 1038 0x01F0 E038 SPIDAT0 Shift Register 0 (without format select) 0x01C4 103C 0x01F0 E03C SPIDAT1 Shift Register 1 (with format select) 0x01C4 1040 0x01F0 E040 SPIBUF Buffer Register 0x01C4 1044 0x01F0 E044 SPIEMU Emulation Register 0x01C4 1048 0x01F0 E048 SPIDELAY Delay Register 0x01C4 104C 0x01F0 E04C SPIDEF Default Chip Select Register 0x01C4 1050 0x01F0 E050 SPIFMT0 Format Register 0 0x01C4 1054 0x01F0 E054 SPIFMT1 Format Register 1 0x01C4 1058 0x01F0 E058 SPIFMT2 Format Register 2 0x01C4 105C 0x01F0 E05C SPIFMT3 Format Register 3 0x01C4 1060 0x01F0 E060 INTVEC0 Interrupt Vector for SPI INT0 0x01C4 1064 0x01F0 E064 INTVEC1 Interrupt Vector for SPI INT1 152 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1808 |