| データシートサーチシステム |
|
AM1808AZCED3 データシート(PDF) 255 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCED3 データシート(HTML) 255 Page - Texas Instruments |
|
255 / 264 page ![]() TDI Router ARM926EJ-S/ETM TDO Steps CLK TMS Router ARM926EJ-S/ETM ETB AM1808 www.ti.com SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010 The initial scan chain contains only the TAP router module. The following steps must be completed in order to add ETB TAP to the scan chain. Figure 6-87. Adding ETB to the scan chain • Function : Do a send-only JTAG IR/DR scan. – Parameter : The route to JTAG shift state is 'shortest transition'. – Parameter : The JTAG shift state is 'shift-ir'. – Parameter : The JTAG destination state is 'pause-ir'. – Parameter : The bit length of the command is '6'. – Parameter : The send data value is '0x00000007'. – Parameter : The actual receive data is 'discarded'. • Function : Do a send-only JTAG IR/DR scan. – Parameter : The route to JTAG shift state is 'shortest transition'. – Parameter : The JTAG shift state is 'shift-dr'. – Parameter : The JTAG destination state is 'pause-dr'. – Parameter : The bit length of the command is '8'. – Parameter : The send data value is '0x00000089'. – Parameter : The actual receive data is 'discarded'. • Function : Do a send-only JTAG IR/DR scan. – Parameter : The route to JTAG shift state is 'shortest transition'. – Parameter : The JTAG shift state is 'shift-ir'. – Parameter : The JTAG destination state is 'pause-ir'. – Parameter : The bit length of the command is '6'. – Parameter : The send data value is '0x00000002'. – Parameter : The actual receive data is 'discarded'. • Function : Embed the port address in next command. – Parameter : The port address field is '0x0f000000'. – Parameter : The port address value is '3'. • Function : Do a send-only JTAG IR/DR scan. – Parameter : The route to JTAG shift state is 'shortest transition'. – Parameter : The JTAG shift state is 'shift-dr'. – Parameter : The JTAG destination state is 'pause-dr'. – Parameter : The bit length of the command is '32'. – Parameter : The send data value is '0xa3302108'. – Parameter : The actual receive data is 'discarded'. • Function : Do a send-only all-ones JTAG IR/DR scan. – Parameter : The JTAG shift state is 'shift-ir'. Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 255 Submit Documentation Feedback Product Folder Link(s): AM1808 |