| データシートサーチシステム |
|
TMX320C6720RFP300 データシート(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMX320C6720RFP300 データシート(HTML) 42 Page - Texas Instruments |
|
42 / 118 page ![]() TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 www.ti.com Table 4-2 lists how the synchronization events are associated with event numbers in the dMAX controller. Table 4-2. dMAX Peripheral Event Input Assignments EVENT NUMBER EVENT ACRONYM EVENT DESCRIPTION 0 DETR[0] The CPU triggers the event by creating appropriate transition (edge) on bit0 in DETR register. 1 DETR[16] The CPU triggers the event by creating appropriate transition (edge) on bit16 in DETR register. 2 RTIREQ0 RTI DMA REQ[0] 3 RTIREQ1 RTI DMA REQ[1] 4 MCASP0TX McASP0 TX DMA REQ 5 MCASP0RX McASP0 RX DMA REQ 6 MCASP1TX McASP1 TX DMA REQ 7 MCASP1RX McASP1 RX DMA REQ 8 MCASP2TX McASP2 TX DMA REQ 9 MCASP2RX McASP2 RX DMA REQ 10 DETR[1] The CPU triggers the event by creating appropriate transition (edge) on bit1 in DETR register. 11 DETR[17] The CPU triggers the event by creating appropriate transition (edge) on bit17 in DETR register. 12 UHPIINT UHPI CPU_INT 13 SPI0RX SPI0 DMA_RX_REQ 14 SPI1RX SPI1 DMA_RX_REQ 15 RTIREQ2 RTI DMA REQ[2] 16 RTIREQ3 RTI DMA REQ[3] 17 DETR[2] The CPU triggers the event by creating appropriate transition (edge) on bit2 in DETR register. 18 DETR[18] The CPU triggers the event by creating appropriate transition (edge) on bit18 in DETR register. 19 I2C0XEVT I2C 0 Transmit Event 20 I2C0REVT I2C 0 Receive Event 21 I2C1XEVT I2C 1 Transmit Event 22 I2C1REVT I2C 1 Receive Event 23 DETR[3] The CPU triggers the event by creating appropriate transition (edge) on bit3 in DETR register. 24 DETR[19] The CPU triggers the event by creating appropriate transition (edge) on bit19 in DETR register. 25 Reserved 26 MCASP0ERR AMUTEIN0 or McASP0 TX INT or McASP0 RX INT (error on McASP0) 27 MCASP1ERR AMUTEIN1 or McASP1 TX INT or McASP1 RX INT (error on McASP1) 28 MCASP2ERR AMUTEIN2 or McASP2 TX INT or McASP2 RX INT (error on McASP2) 29 OVLREQ[0/1] Error on RTI 30 DETR[20] The CPU triggers the event by creating appropriate transition (edge) on bit20 in DETR register. 31 DETR[21] The CPU triggers the event by creating appropriate transition (edge) on bit21 in DETR register. Peripheral and Electrical Specifications 42 Submit Documentation Feedback |