データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC3G34GD データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74LVC3G34GD
部品情報  Triple buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G34GD データシート(HTML) 2 Page - NXP Semiconductors

  74LVC3G34GD Datasheet HTML 1Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC3G34_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 9 May 2008
2 of 16
NXP Semiconductors
74LVC3G34
Triple buffer
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74LVC3G34DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC3G34DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC3G34GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC3G34GD
−40 °C to +125 °C
XSON8U plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74LVC3G34GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking codes
Type number
Marking code
74LVC3G34DP
V34
74LVC3G34DC
Y34
74LVC3G34GT
Y34
74LVC3G34GD
Y34
74LVC3G34GM
Y34
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
001aah842
1A
1Y
3Y
3A
2A
2Y
1
1
001aah843
1
001aac536
Y
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16