| データシートサーチシステム |
|
PIC24FJ256DA206 データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ256DA206 データシート(HTML) 5 Page - Microchip Technology |
|
5 / 408 page ![]() 2010 Microchip Technology Inc. DS39969B-page 5 PIC24FJ256DA210 FAMILY Pin Diagram (64-Pin TQFP/QFN) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 48 47 44 1 46 45 43 42 41 40 39 SOSCI/C3IND/CN1/RC13 DMH/RP11/INT0/CN49/RD0 SCL1/RP3/GD6/CN55/RD10 DPLN/SDA1/RP4/GD8/CN54/RD9 RTCC/DMLN/RP2/CN53/RD8 RP12/GD7/CN56/RD11 OSCO/CLKO/CN22/RC15 OSCI/CLKI/CN23/RC12 VDD D+/CN83/RG2 VUSB VBUS/RF7 RP16/USBID/CN71/RF3 D-/CN84/RG3 VSYNC/CN63/RE5 GD12/SCL3/CN64/RE6 GD13/SDA3/CN65/RE7 C1IND/RP21/CN8/RG6 VDD PGEC3/AN5/C1INA/VBUSON/RP18/CN7/RB5 PGED3/AN4/C1INB/USBOEN/RP28/CN6/RB4 AN3/C2INA/VPIO/CN5/RB3 AN2/C2INB/VMIO/RP13/CN4/RB2 C1INC/RP26/CN9/RG7 C2IND/RP19/GD14/CN10/RG8 PGEC1/AN1/VREF-/RP1/CN3/RB1 PGED1/AN0/VREF+/RP0/CN2/RB0 C2INC/RP27/GD15/CN11/RG9 MCLR VSS(1) VSS(1) 38 37 34 36 35 33 SOSCO/SCLKI/T1CK/C3INC/RPI37/CN0/ Note 1: The back pad on QFN devices should be connected to VSS. Legend: RPn and RPIn represents remappable peripheral pins. Shaded pins indicate pins that are tolerant to up to +5.5V. PIC24FJXXXDAX06 RC14 |