| データシートサーチシステム |
|
TMP320C6722BRFP300 データシート(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320C6722BRFP300 データシート(HTML) 32 Page - Texas Instruments |
|
32 / 118 page ![]() TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 www.ti.com Table 3-5. Priority of Control of Data Output on Multiplexed Pins PIN FIRST PRIORITY SECOND PRIORITY THIRD PRIORITY SPI0_SOMI/I2C0_SDA SPI0_SOMI I2C0_SDA SPI0_CLK/I2C0_SCL SPI0_CLK I2C0_SCL SPI0_SCS/I2C1_SCL SPI0_SCS I2C1_SCL SPI0_ENA/I2C1_SDA SPI0_ENA I2C1_SDA AXR0[5]/SPI1_SCS AXR0[5] SPI1_SCS AXR0[6]/SPI1_ENA AXR0[6] SPI1_ENA AXR0[7]/SPI1_CLK AXR0[7] SPI1_CLK AXR0[8]/AXR1[5]/SPI1_SOMI AXR0[8] AXR1[5] SPI1_SOMI AXR0[9]/AXR1[4]/SPI1_SIMO AXR0[9] AXR1[4] SPI1_SIMO AXR0[10]/AXR1[3] AXR0[10] AXR1[3] AXR0[11]/AXR1[2] AXR0[11] AXR1[2] AXR0[12]/AXR1[1] AXR0[12] AXR1[1] AXR0[13]/AXR1[0] AXR0[13] AXR1[0] AXR0[14]/AXR2[1] AXR0[14] AXR2[1] AXR0[15]/AXR2[0] AXR0[15] AXR2[0] AHCLKR0/AHCLKR1 AHCLKR0 AHCLKR1 AHCLKX0/AHCLKX2 AHCLKX0 AHCLKX2 AMUTE2/HINT AMUTE2 HINT HD[16]/HHWIL HD[16] HHWIL EM_D[31:16]/UHPI_HA[15:0](1) EM_D[31:16] (Disabled if UHPI_HA[15:0] (Input Only) CFGHPI.NMUX=1) (1) When using the UHPI in non-multiplexed mode, ensure EM_D[31:16] are configured as inputs so that these pins may be used as UHPI_HA[15:0]. To ensure this, you must set the CFGHPI.NMUX bit to a '1' before the EMIF SDRAM initialization completes; otherwise, a drive conflict will occur. [The EMIF bus parking function drives the data bus in between accesses.] 32 Device Configurations Submit Documentation Feedback |