データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58/41/18 データシート(PDF) 2 Page - Ferroxcube International Holding B.V.

部品番号 TX58/41/18
部品情報  Ferrite toroids
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FERROXCUBE [Ferroxcube International Holding B.V.]
ホームページ  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TX58/41/18 データシート(HTML) 2 Page - Ferroxcube International Holding B.V.

  TX58/41/18 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX58/41/18 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX58/41/18 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1753
Ferroxcube
Ferrite toroids
TX58/41/18
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with epoxy, flame retardant in
accordance with “UL 94V-0”; UL file number E 235873.
The colour is white.
Maximum operating temperature is 200
°C.
Isolation voltage
DC isolation voltage: 2000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.0
mm−1
Ve
effective volume
23200
mm3
Ie
effective length
152
mm
Ae
effective area
152
mm2
m
mass of core
≈ 110
g
Fig.1 TX58/41/18 ring core.
Dimensions in mm.
handbook, halfpage
MGC226
40.5 0.9
17.9
0.7
epoxy
58.7 1.1
Ring core data
Properties of cores under power conditions
GRADE
AL
(nH)
µi
TYPE NUMBER
3C90
2890
± 25%
≈ 2300
TX58/41/18-3C90
3C11
5400
± 25%
≈ 4300
TX58/41/18-3C11
3E25
6900
± 25%
≈ 5500
TX58/41/18-3E25
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T=100
°C
f= 25 kHz;
= 200 mT;
T=100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
3C90
≥320
≤ 2.6
≤ 2.6
B
ˆ
B
ˆ



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com