| データシートサーチシステム |
|
74LVC14AD データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
74LVC14AD データシート(HTML) 3 Page - Analog Devices |
|
3 / 75 page ![]() Regulatory Compliance The ADSP-BF506F EZ-KIT Lite is designed to be used solely in a labora- tory environment. The board is not intended for use as a consumer end product or as a portion of a consumer end product. The board is an open system design which does not include a shielded enclosure and therefore may cause interference to other electrical devices in close proximity. This board should not be used in or near any medical equipment or RF devices. The ADSP-BF506F EZ-KIT Lite is currently being processed for certifica- tion that it complies with the essential requirements of the European EMC directive 89/336/EEC amended by 93/68/EEC and therefore carries the “CE” mark. The EZ-KIT Lite evaluation system contains ESD (electrostatic discharge) sensitive devices. Electrostatic charges readily accumulate on the human body and equipment and can discharge without detection. Permanent damage may occur on devices subjected to high-energy discharges. Proper ESD precautions are recommended to avoid performance degradation or loss of functionality. Store unused EZ-KIT Lite boards in the protective shipping package. |