データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA04HOSB1 データシート(PDF) 3 Page - Analog Devices

部品番号 TDA04HOSB1
部品情報  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

TDA04HOSB1 データシート(HTML) 3 Page - Analog Devices

  TDA04HOSB1 Datasheet HTML 1Page - Analog Devices TDA04HOSB1 Datasheet HTML 2Page - Analog Devices TDA04HOSB1 Datasheet HTML 3Page - Analog Devices TDA04HOSB1 Datasheet HTML 4Page - Analog Devices TDA04HOSB1 Datasheet HTML 5Page - Analog Devices TDA04HOSB1 Datasheet HTML 6Page - Analog Devices TDA04HOSB1 Datasheet HTML 7Page - Analog Devices TDA04HOSB1 Datasheet HTML 8Page - Analog Devices TDA04HOSB1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
Regulatory Compliance
The ADSP-BF506F EZ-KIT Lite is designed to be used solely in a labora-
tory environment. The board is not intended for use as a consumer end
product or as a portion of a consumer end product. The board is an open
system design which does not include a shielded enclosure and therefore
may cause interference to other electrical devices in close proximity. This
board should not be used in or near any medical equipment or RF devices.
The ADSP-BF506F EZ-KIT Lite is currently being processed for certifica-
tion that it complies with the essential requirements of the European
EMC directive 89/336/EEC amended by 93/68/EEC and therefore carries
the “CE” mark.
The EZ-KIT Lite evaluation system contains ESD (electrostatic discharge)
sensitive devices. Electrostatic charges readily accumulate on the human
body and equipment and can discharge without detection. Permanent
damage may occur on devices subjected to high-energy discharges. Proper
ESD precautions are recommended to avoid performance degradation or
loss of functionality. Store unused EZ-KIT Lite boards in the protective
shipping package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75