| データシートサーチシステム |
|
TMS320DM6437 データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6437 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 305 page ![]() TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com – Supports Media Independent Interface (MII) • Enhanced Direct-Memory-Access (EDMA) – Management Data I/O (MDIO) Module Controller (64 Independent Channels) • VLYNQ™ Interface (FPGA Interface) • Two 64-Bit General-Purpose Timers (Each Configurable as Two 32-Bit Timers) • Three Pulse Width Modulator (PWM) Outputs • One 64-Bit Watch Dog Timer • On-Chip ROM Bootloader • Two UARTs (One with RTS and CTS Flow • Individual Power-Savings Modes Control) • Flexible PLL Clock Generators • Master/Slave Inter-Integrated Circuit (I2C • IEEE-1149.1 (JTAG™) Bus™) Boundary-Scan-Compatible • Two Multichannel Buffered Serial Ports • Up to 111 General-Purpose I/O (GPIO) Pins (McBSPs) (Multiplexed With Other Device Functions) – I2S and TDM • Packages: – AC97 Audio Codec Interface – 361-Pin Pb-Free PBGA Package – SPI (ZWT Suffix), 0.8-mm Ball Pitch – Standard Voice Codec Interface (AIC12) – 376-Pin Plastic BGA Package – Telecom Interfaces – ST-Bus, H-100 (ZDU Suffix), 1.0-mm Ball Pitch – 128 Channel Mode • 0.09-µm/6-Level Cu Metal Process (CMOS) • Multichannel Audio Serial Port (McASP0) • 3.3-V and 1.8-V I/O, 1.2-V Internal – Four Serializers and SPDIF (DIT) Mode (-7/-6/-5/-4/-L/-Q6/-Q5/-Q4) • 16-Bit Host-Port Interface (HPI) • 3.3-V and 1.8-V I/O, 1.05-V Internal • High-End CAN Controller (HECC) (-7/-6/-5/-4/-L/-Q5) • 32-Bit 33-MHz, 3.3-V Peripheral Component • Applications Interconnect (PCI) Master/Slave Interface – Digital Media • 10/100 Mb/s Ethernet MAC (EMAC) – Networked Media Encode/Decode – IEEE 802.3 Compliant – Video Imaging TMS320DM6437 Digital Media Processor 2 Submit Documentation Feedback |