データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3USB221 データシート(PDF) 13 Page - Texas Instruments

部品番号 TS3USB221
部品情報  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221 データシート(HTML) 13 Page - Texas Instruments

Back Button TS3USB221_08 Datasheet HTML 9Page - Texas Instruments TS3USB221_08 Datasheet HTML 10Page - Texas Instruments TS3USB221_08 Datasheet HTML 11Page - Texas Instruments TS3USB221_08 Datasheet HTML 12Page - Texas Instruments TS3USB221_08 Datasheet HTML 13Page - Texas Instruments TS3USB221_08 Datasheet HTML 14Page - Texas Instruments TS3USB221_08 Datasheet HTML 15Page - Texas Instruments TS3USB221_08 Datasheet HTML 16Page - Texas Instruments TS3USB221_08 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TS3USB221DRCR
SON
DRC
10
3000
330.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
TS3USB221DRCR
SON
DRC
10
3000
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
TS3USB221RSER
UQFN
RSE
10
3000
179.0
8.4
1.75
2.25
0.65
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Dec-2009
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20