| データシートサーチシステム |
|
ASDX データシート(PDF) 5 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
ASDX データシート(HTML) 5 Page - Honeywell Solid State Electronics Center |
|
5 / 6 page ![]() Honeywell Sensing and Control 5 Figure 4. Dimensional Drawings and Pinout (For reference only: mm [in].) AV Package (Legacy G2) RR Package (Legacy D4) AC Package (Legacy A2) RV Package Table 6. Pinout Pin Definition Type Description 1 Vsupply supply power supply source 2 Vout analog output provides the analog output 3 GND supply power supply ground 4 N/C not used do not connect in the application 5 N/C not used do not connect in the application 6 N/C not used do not connect in the application 7 N/C not used do not connect in the application 8 N/C not used do not connect in the application |