データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP4801-E/MS データシート(PDF) 23 Page - Microchip Technology

部品番号 MCP4801-E/MS
部品情報  8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4801-E/MS データシート(HTML) 23 Page - Microchip Technology

Back Button MCP4801-E/MS Datasheet HTML 19Page - Microchip Technology MCP4801-E/MS Datasheet HTML 20Page - Microchip Technology MCP4801-E/MS Datasheet HTML 21Page - Microchip Technology MCP4801-E/MS Datasheet HTML 22Page - Microchip Technology MCP4801-E/MS Datasheet HTML 23Page - Microchip Technology MCP4801-E/MS Datasheet HTML 24Page - Microchip Technology MCP4801-E/MS Datasheet HTML 25Page - Microchip Technology MCP4801-E/MS Datasheet HTML 26Page - Microchip Technology MCP4801-E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
 2010 Microchip Technology Inc.
DS22244B-page 23
MCP4801/4811/4821
FIGURE 5-1:
Write Command for MCP4821 (12-bit DAC).
FIGURE 5-2:
Write Command for MCP4811 (10-bit DAC).
FIGURE 5-3:
Write Command for MCP4801 (8-bit DAC).
SDI
SCK
CS
0
2
1
— GA SHDN D11 D10
config bits
12 data bits
LDAC
3
4
D9
5
6
7
D8 D7 D6
8
9
10
12
D5
D4 D3 D2 D1 D0
11
13 14
15
VOUT
(Mode 1,1)
(Mode 0,0)
0
SDI
SCK
CS
0
2
1
— GA SHDN D9
D8
config bits
12 data bits
LDAC
3
4
D7
5
6
7
D6 D5 D4
8
9
10
12
D3
D2 D1 D0
X
X
11
13 14
15
VOUT
(Mode 1,1)
(Mode 0,0)
Note:
X = “don’t care” bits.
0
SDI
SCK
CS
0
2
1
— GA SHDN
config bits
12 data bits
LDAC
3
4
5
6
7
X
D7
D6
8
9
10
12
D5
D4
D3 D2 D1 D0
11
13 14
15
VOUT
(Mode 1,1)
(Mode 0,0)
XX
X
Note:
X = “don’t care” bits.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48