| データシートサーチシステム |
|
MCP4801-E/SN データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4801-E/SN データシート(HTML) 35 Page - Microchip Technology |
|
35 / 48 page ![]() 2010 Microchip Technology Inc. DS22244B-page 35 MCP4801/4811/4821 8.0 PACKAGING INFORMATION 8.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN MCP4821 E/P ^ 256 1010 MCP4811E SN^^ 1010 256 8-Lead MSOP Example: XXXXXX YWWNNN 4801E 010256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 3 e 8-Lead DFN (2x3) Example: XXX YWW NN 010 25 AHS |