データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP4801T-E/MC データシート(PDF) 35 Page - Microchip Technology

部品番号 MCP4801T-E/MC
部品情報  8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4801T-E/MC データシート(HTML) 35 Page - Microchip Technology

Back Button MCP4801T-E/MC Datasheet HTML 31Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 32Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 33Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 34Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 35Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 36Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 37Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 38Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
 2010 Microchip Technology Inc.
DS22244B-page 35
MCP4801/4811/4821
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP4821
E/P ^ 256
1010
MCP4811E
SN^^ 1010
256
8-Lead MSOP
Example:
XXXXXX
YWWNNN
4801E
010256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
8-Lead DFN (2x3)
Example:
XXX
YWW
NN
010
25
AHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48