| データシートサーチシステム |
|
KTY82 データシート(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY82 データシート(HTML) 11 Page - NXP Semiconductors |
|
11 / 17 page ![]() KTY82_SER_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 14 January 2008 11 of 17 NXP Semiconductors KTY82 series Silicon temperature sensors Table 13. Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY82/252 Isen(cont) = 1 mA. Ambient temperature Temperature coefficient (%/K) KTY82/252 ( °C) ( °F) Resistance ( Ω) Temperature error (K) Min Typ Max −55 −67 0.99 959 1005 1050 ±4.52 −50 −58 0.98 1009 1055 1102 ±4.45 −40 −40 0.96 1115 1163 1211 ±4.3 −30 −22 0.93 1229 1278 1328 ±4.16 −20 −4 0.91 1351 1401 1452 ±4.01 −10 14 0.88 1480 1532 1584 ±3.84 0 32 0.85 1618 1670 1723 ±3.67 10 50 0.83 1764 1817 1869 ±3.48 20 68 0.80 1919 1970 2022 ±3.28 25 77 0.79 2000 2050 2100 ±3.18 30 86 0.78 2077 2132 2187 ±3.33 40 104 0.75 2238 2301 2364 ±3.64 50 122 0.73 2406 2478 2549 ±3.97 60 140 0.71 2581 2662 2743 ±4.31 70 158 0.69 2763 2854 2946 ±4.67 80 176 0.67 2951 3054 3157 ±5.05 90 194 0.65 3147 3262 3376 ±5.43 100 212 0.63 3349 3477 3605 ±5.84 110 230 0.59 3556 3697 3839 ±6.45 120 248 0.53 3756 3912 4068 ±7.53 125 257 0.49 3850 4013 4177 ±8.33 130 266 0.44 3937 4108 4278 ±9.4 140 284 0.33 4087 4271 4455 ±12.96 150 302 0.20 4191 4387 4583 ±22.02 |