データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6563H データシート(PDF) 33 Page - STMicroelectronics

部品番号 L6563H
部品情報  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H データシート(HTML) 33 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 29Page - STMicroelectronics L6563H Datasheet HTML 30Page - STMicroelectronics L6563H Datasheet HTML 31Page - STMicroelectronics L6563H Datasheet HTML 32Page - STMicroelectronics L6563H Datasheet HTML 33Page - STMicroelectronics L6563H Datasheet HTML 34Page - STMicroelectronics L6563H Datasheet HTML 35Page - STMicroelectronics L6563H Datasheet HTML 36Page - STMicroelectronics L6563H Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
L6563H
Application information
Doc ID 16047 Rev 2
33/48
Figure 47.
Interface circuits that let the L6563H switch on or off a PWM controller
If the chip is provided with a soft-start pin, it is possible to delay the start-up of the dc-dc
stage with respect to that of the PFC stage, which is often desired, as described in
Figure 48
. An underlying assumption in order for that to work properly is that the UVLO
thresholds of the PWM controller are certainly higher than those of the L6563H.
Figure 48.
Interface circuits for power up sequencing when dc-dc has the SS
function
If this is not the case or it is not possible to achieve a start-up delay long enough (because
this prevents the dc-dc stage from starting up correctly) or, simply, the PWM controller is
devoid of soft start, the arrangement of Figure 49 lets the dc-dc converter start-up when the
voltage generated by the PFC stage reaches a preset value. The technique relies on the
UVLO thresholds of the PWM controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48