データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6563STR データシート(PDF) 38 Page - STMicroelectronics

部品番号 L6563STR
部品情報  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563STR データシート(HTML) 38 Page - STMicroelectronics

Back Button L6563STR Datasheet HTML 34Page - STMicroelectronics L6563STR Datasheet HTML 35Page - STMicroelectronics L6563STR Datasheet HTML 36Page - STMicroelectronics L6563STR Datasheet HTML 37Page - STMicroelectronics L6563STR Datasheet HTML 38Page - STMicroelectronics L6563STR Datasheet HTML 39Page - STMicroelectronics L6563STR Datasheet HTML 40Page - STMicroelectronics L6563STR Datasheet HTML 41Page - STMicroelectronics L6563STR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Package mechanical data
L6563S
38/42
Doc ID 16116 Rev 3
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Table 6.
SO14 mechanical data
Dim.
mm.
Min
Typ
Max
A
1.350
1.750
A1
0.100
0.250
A2
1.100
1.650
B
0.330
0.510
C
0.190
0.250
D
8.550
8.750
E
3.800
4.000
e
1.270
H
5.800
6.200
h
0.250
0.500
L
0.400
1.270
k
0d
8d
ddd
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42