データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6564DTR データシート(PDF) 21 Page - STMicroelectronics

部品番号 L6564DTR
部品情報  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564DTR データシート(HTML) 21 Page - STMicroelectronics

Back Button L6564DTR Datasheet HTML 17Page - STMicroelectronics L6564DTR Datasheet HTML 18Page - STMicroelectronics L6564DTR Datasheet HTML 19Page - STMicroelectronics L6564DTR Datasheet HTML 20Page - STMicroelectronics L6564DTR Datasheet HTML 21Page - STMicroelectronics L6564DTR Datasheet HTML 22Page - STMicroelectronics L6564DTR Datasheet HTML 23Page - STMicroelectronics L6564DTR Datasheet HTML 24Page - STMicroelectronics L6564DTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
L6564
Application information
Doc ID 16202 Rev 1
21/34
6.2
Feedback failure protection (FFP)
The OVP function above described handles “normal” over voltage conditions, i.e. those
resulting from an abrupt load/line change or occurring at start-up. In case the overvoltage is
generated by a feedback disconnection, for instance when the upper resistor of the output
divider (R1) fails open, an additional circuitry behind the pin PFC_OK detects the voltage
gap with respect to pin INV. If the voltage gap is greater than 40 mV and the OVP is active,
the FFP is triggered, the gate drive activity is immediately stopped, the device is shut down,
its quiescent consumption is reduced below 180 µA and the condition is latched as long as
the supply voltage of the IC is above the UVLO threshold. To restart the system it is
necessary to recycle the input power, so that the Vcc voltage of the L6564 goes below 6 V.
The pin PFC_OK doubles its function as a not-latched IC disable: a voltage below 0.23 V will
shut down the IC, reducing its consumption below 2 mA. To restart the IC simply let the
voltage at the pin go above 0.27 V.
Note that these functions offer complete protection against not only feedback loop failures or
erroneous settings, but also against a failure of the protection itself. Either resistor of the
PFC_OK divider failing short or open or a PFC_OK pin floating will result in shutting down
the IC and stopping the pre-regulator.
6.3
Voltage feedforward
The power stage gain of PFC pre-regulators varies with the square of the RMS input
voltage. So does the crossover frequency fc of the overall open-loop gain because the gain
has a single pole characteristic. This leads to large trade-offs in the design.
For example, setting the gain of the error amplifier to get fc = 20 Hz @ 264 Vac means
having fc 4 Hz @ 88 Vac, resulting in a sluggish control dynamics. Additionally, the slow
control loop causes large transient current flow during rapid line or load changes that are
limited by the dynamics of the multiplier output. This limit is considered when selecting the
sense resistor to let the full load power pass under minimum line voltage conditions, with
some margin. But a fixed current limit allows excessive power input at high line, whereas a
fixed power limit requires the current limit to vary inversely with the line voltage.
Voltage feedforward can compensate for the gain variation with the line voltage and allow
minimizing all of the above-mentioned issues. It consists of deriving a voltage proportional to
the input RMS voltage, feeding this voltage into a squarer/divider circuit (1/V2 corrector) and
providing the resulting signal to the multiplier that generates the current reference for the
inner current control loop (see Figure 35).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34