データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPR4150AL データシート(PDF) 11 Page - STMicroelectronics

部品番号 LPR4150AL
部品情報  MEMS motion sensor: dual-axis pitch and roll ±1500 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR4150AL データシート(HTML) 11 Page - STMicroelectronics

Back Button LPR4150AL Datasheet HTML 6Page - STMicroelectronics LPR4150AL Datasheet HTML 7Page - STMicroelectronics LPR4150AL Datasheet HTML 8Page - STMicroelectronics LPR4150AL Datasheet HTML 9Page - STMicroelectronics LPR4150AL Datasheet HTML 10Page - STMicroelectronics LPR4150AL Datasheet HTML 11Page - STMicroelectronics LPR4150AL Datasheet HTML 12Page - STMicroelectronics LPR4150AL Datasheet HTML 13Page - STMicroelectronics LPR4150AL Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LPR4150AL
Application hints
Doc ID 16576 Rev 1
11/14
5.1
Output response vs. rotation
Figure 4.
Output response vs. rotation
5.2
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standards.
It is qualified for soldering heat resistance in accordance with JEDEC J-STD-020.
Leave “pin 1 indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14