| データシートサーチシステム |
|
AP3156FVG-7 データシート(PDF) 13 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3156FVG-7 データシート(HTML) 13 Page - Diodes Incorporated |
|
13 / 15 page ![]() AP3156 HIGH EFFICIENCY 1X/1.5X/2X CHARGE PUMP FOR WHITE LED APPLICATIONS AP3156 Rev. 1 13 of 15 SEPTEMBER 2009 www.diodes.com © Diodes Incorporated Marking Information (1) QFN4040-16 XX : F7 : AP3156 Y : Year : 0~9 W : Week : A~Z : 1~26 week; ( Top View ) X : A~Z : Green X Y XX W a~z : 27~52 week; z represents 52 and 53 week Part Number Package Identification Code AP3156FVG-7 QFN4040-16 F7 Package Information (All Dimensions in mm) (1) Package Type: QFN4040-16 Side View 0.10 C 0.08 C Seating Plane A B C 0.10 C AB 0.65Typ. 0.28/0.38 2X- 0.25 B 3.90/4.10 Bottom View CL Land Pattern Recommendatrion 3.7 4 12x-0.65 (Pin #1 ID) 1 16 4 10 Bottom View (Pin #1 ID) 2.3/2.5 16X- |