データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

252A103C50NA データシート(PDF) 2 Page - CTS Corporation

部品番号 252A103C50NA
部品情報  Two Axis, Mini-joystick With Momentary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTS [CTS Corporation]
ホームページ  http://www.ctscorp.com
Logo CTS - CTS Corporation

252A103C50NA データシート(HTML) 2 Page - CTS Corporation

  252A103C50NA Datasheet HTML 1Page - CTS Corporation 252A103C50NA Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
mm
CTS Series 252
252
A
103
C
60
N
A
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
TAP CONFIGURATION
N – NO TAP
T – 4° TAP AT CENTER
ROTATIONAL
ANGLE
40 – 40º
Operating Temperature
-10°C to +70°C
Mounting Information
PC Terminals
Soldering Conditions
260 ± 5°C for 5 seconds
Electrical and Mechanical Specifications
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
103
10K
203
20K
503
50K
104
100K
124
120K
154
150K
DRIVE ARM LENGTH
DIM "L"
A – 19.3mm
inch
DIMENSION:
FROM MOUNTING SIDE
MOUNTING HOLE DETAIL VIEWED
-0.0 (4)
Ø1.3
CENT.
5.00
13.30
2
CENT.
1
d
c
3.00
OPTIONAL SWITCH
Ø1.0
3
HOLES FOR
(4)
-0.0
+0.1
b
a
(6)
Ø1.0+0.1
-0.0
4.50
CENT.
+0.1
TERMINALS
B – 24.3mm
LENGTH FROM
MOUNTING SURFACE
50 – 50º
60 – 60º
Potentiometer 1 & 2
SWITCH
CONFIGURATION
A – W/O SWITCH
B – MOMENTARY SWITCH
2 - 2
© 2008 CTS Corporation. All rights reserved. Information subject to change.
7/02/08
CTS Electrocomponents
www.ctscorp.com
11.2
9.5 CENT.
VR 2
16.0 CENT.
9.3
OPERATION ANGLE
(ALL DIRECTION)
0.8±0.1(6)
1 2
1.1(4)
3
53°~63°
A
A
11.8
CIRCUIT DIAGRAM
SWITCH
d
b
c
a
1.90±0.05
SECTION A-A
1.20±0.05



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com