| データシートサーチシステム |
|
MPXM2010D データシート(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010D データシート(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 24 page ![]() AN1950 Sensors Freescale Semiconductor 7 SOFTWARE LISTING ;NitroWater 2.0 24Jan03 ;-------------- ; ;Water Level Reference Design ;**************************** ; - uses 908QT4 (MC68HC908QT4) and MPAK (MPXM2010GS) ; CALIB: 2-point pressure calibration (0mm and 160mm) ; LEVEL: displays water level, flow, and graphics ; UNITS: allows user to select between cm and inches ; ;__________________________________________________________ ram equ $0080 ;memory pointers rom equ $EE00 vectors equ $FFDE ;__________________________________________________________ porta equ $00 ;registers ddra equ $04 config2 equ $1E config1 equ $1F tsc equ $20 tmodh equ $23 icgcr equ $36 adscr equ $3C adr equ $3E adiclk equ $3F flcr equ $FE08 flbpr equ $FFBE ;__________________________________________________________ org $FD00 ;flash variables N1 db $96 ;1st calibration pt. = 0mm org $FD40 N2 db $F6 ;2nd calibration pt. = 160mm org $FD80 ;__________________________________________________________ org vectors dw cold ;ADC dw cold ;Keyboard dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;TIM Overflow dw cold ;TIM Channel 1 dw cold ;TIM Channel 0 dw cold ;not used dw cold ;IRQ dw cold ;SWI dw cold ;RESET ($FFFE) ;__________________________________________________________ org ram BB ds 1 ;variables flshadr ds 2 flshbyt ds 1 memSP ds 2 mem03 ds 2 |