データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE610 データシート(PDF) 29 Page - STMicroelectronics

部品番号 STMPE610
部品情報  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 データシート(HTML) 29 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 25Page - STMicroelectronics STMPE610 Datasheet HTML 26Page - STMicroelectronics STMPE610 Datasheet HTML 27Page - STMicroelectronics STMPE610 Datasheet HTML 28Page - STMicroelectronics STMPE610 Datasheet HTML 29Page - STMicroelectronics STMPE610 Datasheet HTML 30Page - STMicroelectronics STMPE610 Datasheet HTML 31Page - STMicroelectronics STMPE610 Datasheet HTML 32Page - STMicroelectronics STMPE610 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
STMPE610
Touchscreen controller
Doc ID 15432 Rev 3
29/56
Window tracking
The -WDW_X and WDW_Y registers allow to pre-set a sub-window in the touchscreen such
that any touch position that is outside the sub-window will be discarded.
Figure 10.
Window tracking
FIFO
FIFO has a depth of 128 sectors. This is enough for 128 sets of touch data at maximum
resolution (2 x 12 bits). FIFO can be programmed to generate an interrupt when it is filled to
a pre-determined level.
Sampling
The STMPE610 touchscreen controller has an internal 180 kHz, 12-bit ADC able to execute
autonomous driving/sampling. Each "sample" consists of 4 ADC readings that provide the X
and Y locations, as well as the touch pressure.
Figure 11.
Sampling
Active window
Top right coordinates
Bottom left coordinates
ADC
takes X reading
Settling
period
Drive X
ADC
takes Y reading
Settling
period
Drive Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56