| データシートサーチシステム |
|
STMPE821 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE821 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 55 page ![]() STMPE821 Interrupt controller module 21/55 INT_EN Interrupt enable register Address: 0x09 Type: R/W Reset: 0x00 Description: This register is used to enable the interruption from a system related interrupt source to the host. Writing ‘1’ in this register enables the corresponding interrupt event to generate interrupt signal at the INT pin. Note that even if the interrupt is not enabled, an interrupt event will still be reflected in the interrupt status register. 76 543 2 1 0 GPIO PWM3 PWM2 PWM1 PWM0 GEN FIFO POR [7] GPIO: One or more level transition in enabled GPIOs [6] PWM3: Completion of PWM sequence [5] PWM2: Completion of PWM sequence [4] PWM1: Completion of PWM sequence [3] PWM0: Completion of PWM sequence [2] GEN: System INT (A21, I2A, EOC) [1] FIFO: Data available in FIFO. This interrupt can be cleared only if FIFO is empty. [0] POR: Power-on reset |