| データシートサーチシステム |
|
HC908JB16AD データシート(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HC908JB16AD データシート(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 12 page ![]() HC908JB16AD/D MC68HC08JB16 Addendum to MC68HC908JB16 Technical Data MC68HC08JB16 This section introduces the MC68HC08JB16, the ROM part equivalent to the MC68HC908JB16. The entire MC68HC908JB16 data book applies to this ROM device, with exceptions outlined below. MCU Block Diagram Figure 5 shows the block diagram of the MC68HC08JB16. Memory Map Figure 6 shows the memory map of the MC68HC08JB16. Reserved Registers The two registers at $FE08 and $FF09 are reserved locations on the MC68HC08JB16. On the MC68HC908JB16, these two locations are the FLASH control register and the FLASH block protect register respectively. Monitor ROM The monitor program (monitor ROM, $FE10–$FFCF) on the MC68HC08JB16 is for device testing only. Table 4. Summary of MC68HC08JB16 and MC68HC908JB16 Differences MC68HC08JB16 MC68HC908JB16 Memory ($BA00–$F9FF) 16,384 bytes ROM 16,384 bytes FLASH User vectors ($FFD0–$FFFF) 48 bytes ROM 48 bytes FLASH Registers at $FE08 and $FE09 Not used; locations are reserved FLASH related registers. $FE08 — FLCR $FE09 — FLBPR Monitor ROM 1 ($FA00–$FDFF) Unimplemented Used for testing and FLASH programming/erasing. Monitor ROM 2 ($FE10–$FFCF) Used for testing purposes only. Dual Clock Generator Module Currently not available. Available in 32-pin LQFP only. Available Packages(1) 32-pin LQFP currently not available. 28-pin SOIC 20-pin SOIC 32-pin LQFP 28-pin SOIC 20-pin SOIC Notes: 1. The pin assignments are identical for both devices; see data sheet. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |