データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P89LPC915FDH データシート(PDF) 7 Page - NXP Semiconductors

部品番号 P89LPC915FDH
部品情報  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC915FDH データシート(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
P89LPC915_916_917_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
7 of 75
NXP Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
6.
Functional diagram
Fig 4.
P89LPC915 functional diagram
KBI0
KBI1
KBI2
KBI3
KBI4
KBI5
AD10
AD11
AD12
AD13
CLKIN
CMP2
CIN2B
CIN2A
CIN1B
CIN1A
CMPREF
TXD
RXD
T0
INT0
INT1
RST
SCL
P89LPC915
002aaa828
VDD
VSS
DAC1
PORT 0
PORT 1
SDA
Fig 5.
P89LPC916 functional diagram
KBI1
KBI2
KBI3
KBI4
KBI5
AD10
AD11
AD12
AD13
CLKIN
CIN2B
CIN2A
CIN1B
CIN1A
CMPREF
TXD
RXD
T0
INT0
MOSI
MIS0
SPICLK
RST
SCL
P89LPC916
002aaa829
VDD
VSS
SS
DAC1
PORT 0
PORT 1
PORT 2
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75