データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S105C4B6 データシート(PDF) 23 Page - STMicroelectronics

部品番号 STM8S105C4B6
部品情報  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B6 データシート(HTML) 23 Page - STMicroelectronics

Back Button STM8S105C4B6 Datasheet HTML 19Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 20Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 21Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 22Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 23Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 24Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 25Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 26Page - STMicroelectronics STM8S105C4B6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 127 page
background image
Figure 4: LQFP 44-pin pinout
44 43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
VSS
VCAP
VDD
VDDIO_1
(HS) PA4
(HS) PA5
(HS) PA6
NRST
OSCIN/PA1
OSCOUT/PA2
VSSIO_1
VDDIO_2
VSSIO_2
PC5 (HS)/SPI_SCK
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PC1 (HS)/TIM1_CH1
/UART2_CK
PE5/SPI_NSS
PG1
PG0
PC7 (HS)/SPI_MISO
PC6 (HS)/SPI_MOSI
1. (HS) high sink capability.
2. (T) True open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (If the same alternate function is shown twice, it
indicates an exclusive choice not a duplication of the function).
23/127
DocID14771 Rev 9
Pinout and pin description
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More