| データシートサーチシステム |
|
STM8S207MBT6B データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207MBT6B データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 103 page ![]() STM8S207xx, STM8S208xx Pinouts and pin description Doc ID 14733 Rev 9 23/103 5 Pinouts and pin description 5.1 Package pinouts Figure 3. LQFP 80-pin pinout 1. (HS) high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). 4. CAN_RX and CAN_TX is available on STM8S208xx devices only. 2 1 3 4 5 6 7 8 10 9 12 14 16 18 20 11 15 13 17 19 57 58 56 55 54 53 52 51 49 50 47 45 43 41 48 44 46 42 60 59 PI3 PI2 PI1 PC4 (HS)/TIM1_CH4 PC3 (HS)/TIM1_CH3 PC2 (HS)/TIM1_CH2 PC1 (HS)/TIM1_CH1 PI0 PG4 PG3 PG2 PC7 (HS)/SPI_MISO VSSIO_2 VDDIO_1 [TIM3_CH1] TIM2_CH3/PA3 UART1_RX/ (HS) PA4 UART1_TX/ (HS) PA5 AIN12/PF4 VSSIO_1 VSS VCAP VDD UART1_CK/ (HS) PA6 (HS) PH0 ( HS) PH1 PH2 PH3 AIN15/PF7 AIN14/PF6 AIN13/PF5 NRST OSCIN/PA1 OSCOUT/PA2 PC5 (HS)/SPI_SCK PC6 (HS)/SPI_MOSI PG0/CAN_TX PG1/CAN_RX PC0/ADC_ETR PE5/SPI_NSS VDDIO_2 |