データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GTCX36-231M-R05 データシート(PDF) 5 Page - Tyco Electronics

部品番号 GTCX36-231M-R05
部品情報  Gas Discharge Tubes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX36-231M-R05 データシート(HTML) 5 Page - Tyco Electronics

  GTCX36-231M-R05 Datasheet HTML 1Page - Tyco Electronics GTCX36-231M-R05 Datasheet HTML 2Page - Tyco Electronics GTCX36-231M-R05 Datasheet HTML 3Page - Tyco Electronics GTCX36-231M-R05 Datasheet HTML 4Page - Tyco Electronics GTCX36-231M-R05 Datasheet HTML 5Page - Tyco Electronics GTCX36-231M-R05 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GTCX35-XXX-R05 Series
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD 27698
Status: Released
© 2009 Tyco Electronics Corporation. All rights reserved.
5
Rev: A
Date: JULY 23, 2009
GTCX36-XXXM-R05 Series
General Characteristics
Packaging Information
Pad Layout – Surface-mount Devices (GTCS36-XXXM-R05)
Materials Information
RoHS Compliant
ELV Compliant
No Radioactive Material
Storage Temperature:
-40ºC to +90ºC
Operating Temperature: -40ºC to +90ºC
Body: Nickel Plated
Leads: Surface-mount, Radial and Axial Devices: Tin Plated
Devices with no leads: Nickel Plated
Soldering Notes: Devices with no leads: non-solderable; suitable for insertion into a magazine clip
Part Description
Tray / Reel
Standard Package
No Leaded:
GTCN36-XXXM-R05
100pcs (Tray)
2,500pcs
With Leads:
GTCA36-XXXM-R50/GTCR36-XXXM-R05
100pcs (Tray)
1,000pcs
Surface-mount: GTCS36-XXXM-R05
100pcs (Tray)
2,500pcs
Surface-mount (T&R): GTCS36-XXXM-R05-2
750pcs
6000pcs
X
Y1
Y2
Z1
Z2
NOM
NOM
NOM
NOM
NOM
mm:
7.0
3.6
3.6
2.5
2.0
in*:
(0.276)
(0.142)
(0.142)
(0.098)
(0.079)



Html Pages

1 2 3 4 5 6