| データシートサーチシステム |
|
PCA9547D データシート(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9547D データシート(HTML) 13 Page - NXP Semiconductors |
|
13 / 26 page ![]() PCA9547_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 10 July 2009 13 of 26 NXP Semiconductors PCA9547 8-channel I2C-bus multiplexer with reset 9. Limiting values [1] The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 125 °C. Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134).[1] Symbol Parameter Conditions Min Max Unit VDD supply voltage −0.5 +7.0 V VI input voltage −0.5 +7.0 V II input current −20 +20 mA IO output current −25 +25 mA IDD supply current −100 +100 mA ISS ground supply current −100 +100 mA Ptot total power dissipation - 400 mW Tstg storage temperature −60 +150 °C Tamb ambient temperature −40 +85 °C |