データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LR4-1300SSF データシート(PDF) 1 Page - Tyco Electronics

部品番号 LR4-1300SSF
部品情報  PolySwitch짰PTC Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

LR4-1300SSF データシート(HTML) 1 Page - Tyco Electronics

  LR4-1300SSF Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
308 Constitution Drive
Menlo Park, CA
94025-1164
Phone: 800-227-4856
www.circuitprotection.com
PolySwitch®
PTC Devices
Overcurrent Protection Device
Raychem Circuit Protection Products
PRODUCT:
LR4-1300SSF
DOCUMENT: SCD 25627
PCN:
F65944
REV LETTER: D
REV DATE: JUNE 16, 2007
PAGE NO.:
1 OF 1
Specification Status: Released
Maximum Electrical Rating
Operating Voltage:
20Vdc
Interrupt Current:
100A
Chip Size : 9.5 X 50mm
Leads:
Nickel 1/2H
0.3mm nominal thickness
Solder:
Lead-free
Tape:
Polyester (White)
51.5 mm nominal width
Marking: (Color: Green)
Manufacturer's Mark
EX3
Lot Identification
Part Identification
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
61.5
66.5
9.4
10.0
0.9
1.3
5.0
7.5
5.0
7.5
5.9
6.1
in*:
(2.42)
(2.62)
(0.37)
(0.39)
(0.04)
(0.05)
(0.20)
(0.30)
(0.20)
(0.30)
(0.23)
(0.24)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS: As measured in Mueller Kelvin Clips model BU-75K.
I HOLD
CURRENT TRIP LIMITS
TIME TO
TRIP
REFERENCE
RESISTANCE
ONE-HOUR
POST-TRIP
RESISTANCE
TRIPPED-
STATE
POWER
DISSIPATION
AMPS
20°C
AMPS
AT 0°C
AMPS
AT 20°C
AMPS
AT 60°C
AMPS
AT 70°C
SECONDS
AT 20°C,
65.0A
OHMS
AT 20°C
OHMS
AT 20°C
WATTS AT
20°C, 20V
HOLD
HOLD
TRIP
HOLD TRIP HOLD
TRIP HOLD TRIP
MIN
MAX
MIN
MAX
MIN
MAX
MAX
13.0
14.5
23.5
13.0
21.2
9.5
15.7
8.6
14.4
---
5
0.0035 0.0065 0.0035 0.0090
4.5
Agency Recognitions:
UL, TUV, CSA
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information:
ROHS Compliant
ELV Compliant
Pb-Free
© 2005, 2007 Tyco Electronics Corporation.
All rights reserved.
∗ Dimension values on the drawing are for reference only.


同様の部品番号 - LR4-1300SSF

メーカー部品番号データシート部品情報
logo
Tyco Electronics
LR4-1300SSF MACOM-LR4-1300SSF Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
LR4-1300SSF MACOM-LR4-1300SSF Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
logo
Littelfuse
LR4-1300SSF LITTELFUSE-LR4-1300SSF Datasheet
123Kb / 2P
PolySwitch PTC Devices
LR4-1300SSF LITTELFUSE-LR4-1300SSF Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

同様の説明 - LR4-1300SSF

メーカー部品番号データシート部品情報
logo
Tyco Electronics
LR4-260SF MACOM-LR4-260SF Datasheet
48Kb / 1P
PolySwitch짰PTC Devices
SRP200 MACOM-SRP200 Datasheet
72Kb / 1P
PolySwitch짰PTC Devices
SRP420 MACOM-SRP420 Datasheet
73Kb / 1P
PolySwitch짰PTC Devices
TRF250-120T-B-0.5 MACOM-TRF250-120T-B-0.5 Datasheet
82Kb / 1P
PolySwitch짰PTC Devices
TRF250-183US MACOM-TRF250-183US Datasheet
87Kb / 1P
PolySwitch짰PTC Devices
TS250-130F-B-0.5 MACOM-TS250-130F-B-0.5 Datasheet
80Kb / 1P
PolySwitch짰PTC Devices
SMD030F MACOM-SMD030F Datasheet
34Kb / 1P
PolySwitch짰PTC Devices
SMD075F MACOM-SMD075F_1 Datasheet
33Kb / 1P
PolySwitch짰PTC Devices
VLR230UF MACOM-VLR230UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
VLR170UF MACOM-VLR170UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com