データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF2113DH/4 データシート(PDF) 34 Page - NXP Semiconductors

部品番号 PCF2113DH/4
部品情報  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DH/4 データシート(HTML) 34 Page - NXP Semiconductors

Back Button PCF2113DH/4 Datasheet HTML 30Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 31Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 32Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 33Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 34Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 35Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 36Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 37Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
34 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
10.8 Display configuration
10.8.1 Bit P
The P bit is used to flip the display left to right by mirroring the column data, as shown in
Figure 20. This allows the display to be viewed from behind instead of front, enhances the
flexibility in the assembly of equipment and avoids complicated data manipulation within
the controller.
P = 0: default.
P = 1: mirrors the column data.
10.8.2 Bit Q
The Q bit flips the display top to bottom by mirroring the row data.
Q = 0: default.
Q = 1: mirrors the row data.
A combination of Q and P allows the display to be rotated 180 deg, as shown in Figure 21.
This is useful for viewing the display from the opposite edge.
Fig 20. Use of P bit
001aah714
P =
0
P=
1
P =
1
P=
0
Fig 21. Use of P and Q bits
001aah715
P = 0
Q = 0
P = 1
Q = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65