| データシートサーチシステム |
|
PCF2113WU/2/F4 データシート(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113WU/2/F4 データシート(HTML) 35 Page - NXP Semiconductors |
|
35 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 35 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers 10.9 Temperature control Default is bit TC1 = 0 and bit TC2 = 0. Selects the default temperature coefficient for the internally generated VLCD (see Table 15). 10.10 Set VLCD The VLCD value is programmed by instruction. Two on-chip registers, VA and VB hold VLCD values for the Character mode and the Icon mode respectively. The generated VLCD is independent of VDD, allowing battery operation of the chip. 10.10.1 VLCD programming 1. Send ‘function set’ instruction with H = 1 2. Send ‘set VLCD’ instruction to write to voltage register: a. If DB[7:6] = 10, then DB[5:0] represents VLCD of Character mode (VA) b. If DB[7:6] = 11, then DB[5:0] represents VLCD of Icon mode (VB) c. DB[5:0] = 00 0000 switches VLCD generator off (when selected) d. During ‘display off’ and power-down the VLCD generator is also disabled 3. Send ‘function set’ instruction with H = 0 to resume normal programming Section 8.1 shows the relation between VLCD and registers VA and VB. 10.11 Reducing current consumption Reducing current consumption can be achieved by one of the options given in Table 16. When VLCD lies outside the VDD range and must be generated, it is usually more efficient to use the on-chip generator than an external regulator. Table 15. TC1 and TC2 selection of VLCD temperature coefficient Bit TC1 Bit TC2 VLCD temperature coefficient TC (typical values) 0 0 TC = −0.16 %/K 1 0 TC = −0.18 %/K 0 1 TC = −0.21 %/K 1 1 TC = −0.24 %/K Table 16. Reducing current consumption Original mode Alternative mode Character mode Icon mode (control bit M) Display on display off (control bit D) VLCD generator operating Direct mode Any mode Power-down mode (PD pin) |