データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8564AU/5GB/1 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 PCF8564AU/5GB/1
部品情報  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/5GB/1 データシート(HTML) 9 Page - NXP Semiconductors

Back Button PCF8564AU/5GB/1 Datasheet HTML 5Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 6Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 7Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 8Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 9Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 10Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 11Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 12Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
9 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
8.4 Time and date registers
The majority of the registers are coded in the BCD format to simplify application use.
8.4.1 Register Seconds
[1]
Start-up value.
8.4.1.1
Voltage low detector and clock monitor
The PCF8564A has an on-chip voltage low detector. When VDD drops below Vlow the VL
(Voltage Low) flag is set to indicate that the integrity of the clock information is no longer
guaranteed. The VL flag can only be cleared by using the interface.
Table 8.
Seconds - seconds and clock integrity status register (address 02h) bit
description
Bit
Symbol
Value
Place value Description
7
VL
0
-
clock integrity is guaranteed
1[1]
-
integrity of the clock information is not guaranteed
6 to 4 SECONDS 0 to 5
ten’s place
actual seconds coded in BCD format, see Table 9
3 to 0
0 to 9
unit place
Table 9.
Seconds coded in BCD format
Seconds value in
decimal
Upper-digit (ten’s place)
Digit (unit place)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000000
01
0000001
02
0000010
:
09
0001001
10
0010000
:
58
1011000
59
1011001
Fig 5.
Voltage low detection
VL set
normal power
operation
period of battery
operation
t
VDD
Vlow
mgr887



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44