| データシートサーチシステム |
|
PCF8811MU/2DA/1 データシート(PDF) 67 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811MU/2DA/1 データシート(HTML) 67 Page - NXP Semiconductors |
|
67 / 81 page ![]() PCF8811_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 27 June 2008 67 of 81 NXP Semiconductors PCF8811 80 x 128 pixels matrix LCD driver 17. Application information Semiconductors are light sensitive. Exposure to light sources can cause the IC to malfunction. In this application you must protect the IC from light. The protection has to be done on all sides of the IC, i.e. front, rear and all edges. The pinning of the PCF8811 has an optimum design for single plane wiring e.g. for chip-on-glass display modules. Display size: 80 × 128 pixels. For further application information refer to NXP Semiconductors Application Note AN10170 Design guidelines for COG modules with Philips monochrome LCD drivers. Fig 47. Reset timing mgw761 tVHRL tRW tRW tRW tRW RES VDD RES VDD Fig 48. Application diagram: internal charge pump and a single supply mgw762 DISPLAY 80 × 128 pixels I/O CVLCD PCF8811 VDD VSS CVDD |