| データシートサーチシステム |
|
PCF85133 データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85133 データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 41 page ![]() PCF85133_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 17 February 2009 21 of 41 NXP Semiconductors PCF85133 Universal LCD driver for low multiplex rates Fig 15. I2C-bus protocol EXAMPLES a) transmit two bytes of RAM data mgl752 S A 0 S 0 1110 0 0 control byte slave address RAM/command byte RAM DATA M S B L S B A A P R/W = 0 S A 0 S 0 1110 0 0 1 0 A A A P RAM DATA A b) transmit two command bytes COMMAND S A 0 S 0 1110 0 1 0 0 A A A P COMMAND A A c) transmit one command byte and two RAM date bytes COMMAND S A 0 S 0 1110 0 1 0 00 01 0 A A A P RAM DATA A RAM DATA A A C O R S Fig 16. Control byte format Table 8. Load-data-pointer command bit description Bit Symbol Value Description 7CO continue bit 0 last control byte 1 control bytes continue 6 RS register selection 0 command register 1 data register 5 to 0 - not relevant mgl753 not relevant CO 7 6 5 4 3 210 RS MSB LSB |