データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8564ACX9/1 データシート(PDF) 32 Page - NXP Semiconductors

部品番号 PCF8564ACX9/1
部品情報  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9/1 データシート(HTML) 32 Page - NXP Semiconductors

Back Button PCF8564ACX9/1 Datasheet HTML 28Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 29Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 30Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 31Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 32Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 33Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 34Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 35Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
32 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
Table 31.
Bonding pad description for all PCF8564AU types
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip; see Figure 27.
Symbol
Pad
X (
µm)
Y (
µm)
Description
OSCI
1
−523.0
689.4
oscillator input
OSCO
2
−523.0
469.4
oscillator output
INT
3
−523.0
−429.8
open-drain interrupt output (active LOW)
VSS
4
−523.0
−684.4
ground (substrate)
SDA
5
524.9
−523.8
serial data I/O
SCL
6
524.9
−138.6
serial clock input
CLKOUT
7
524.9
162.5
CMOS push-pull clock output
VDD
8
524.9
443.3
supply
CLKOE
9
524.9
716.3
CLKOUT output enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44