| データシートサーチシステム |
|
microSMD050F データシート(PDF) 15 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
microSMD050F データシート(HTML) 15 Page - Tyco Electronics |
|
15 / 16 page ![]() 145 15 RoHS Compliant, ELV Compliant Tape and Reel Specifications for Surface-mount Devices (in Millimeters) Table S7 W 8.0 ± 0.30 8.0 ± 0.30 8.0 ± 0.30 12.0 ± 0.30 24.0 ± 0.30 16.0 ± 0.30 16.0 ± 0.30 16.0 ± 0.30 P0 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 P1 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 8.0 ± 0.10 8.0 ± 0.10 8.0 ± 0.10 8.0 ± 0.10 12.0 ± 0.10 P2 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.10 2.0 ± 0.10 2.0 ± 0.10 2.0 ± 0.10 A0 Table S8 1.95 ± 0.10 2.9 ± 0.10 Table S8 5.70 ± 0.10 5.11 ± 0.15 5.6 ± 0.23 6.9 ± 0.23 B0 Table S8 Table S8 3.50 ± 0.10 Table S8 11.90 ± 0.10 5.6 ± 0.23 8.1 ± 0.15 9.6 ± 0.15 B1 max. 4.35 4.35 4.35 8.2 20.1 12.1 12.1 12.1 D0 1.55 ± .05 1.55 ± .05 1.55 ± .05 1.5 + 0.10/ -.00 1.55 ± .05 1.5 + 0.10/ -.00 1.5 + 0.10/ -.00 1.5 + 0.10/ -.00 F 3.50 ± 0.05 3.50 ± 0.05 3.50 ± 0.05 5.50 ± 0.05 11.50 ± 0.10 7.50 ± 0.10 7.50 ± 0.10 7.50 ± 0.10 E1 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 E2 min. 6.25 6.25 6.25 10.25 22.25 14.25 14.25 14.25 T max. 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 T1 max. 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 K0 Table S8 Table S8 Table S8 Table S8 0.95 ± 0.10 1.8 ± 0.15 3.2 ± 0.15 3.4 ± 0.15 Leader min. 390 390 390 390 400 400 400 400 Trailer min. 160 160 160 160 160 160 160 160 Description nanoSMDC EIA 481-1 microSMD EIA 481-1 miniSMDC and decaSMDC050F/60 EIA 481-1 miniSMDE190 EIA 481-2 midSMD except decaSMDC050F/60 EIA 481-2 SMD EIA 481-2 SMD2 EIA 481-2 Tape and Reel Specifications for Surface-mount Devices (in Millimeters) Table S8 Ao 1.70 ± 0.1 1.95 ± 0.1 1.95 ± 0.1 2.9 ± 0.1 2.90 ± 0.1 3.50 ± 0.1 3.7 ± 0.1 3.70 ± 0.1 5.0 ± 0.1 Bo 2.45 ± 0.1 3.50 +0.1/-0.08 3.50 ± 0.1 3.5 ± 0.1 3.50 ± 0.1 4.95 ± 0.1 4.9 ± 0.1 4.90 ± 0.1 5.4 ± 0.1 Ko 0.86 ± 0.1 0.89 ± 0.1 1.27 ± 0.1 0.9 ± 0.1 1.27 ± 0.1 0.90 ± 0.1 1.4 ± 0.1 1.78 ± 0.1 1.7 ± 0.1 miniSMDC014F~075F miniSMDC100F~110F/16 miniSMDC125F~150F/16 miniSMDC160F~260F miniSMDC075F/24 miniSMDC110F/24 miniSMDC260F/12 miniSMDC260F/13.2 miniSMDC260F/16 miniSMDC150F/24 decaSMDC050F/60 Reel Dimensions for Surface-mount Devices (in Millimeters) Table S9 A max. 185 185 330 330 330 330 N min. 50 50 60 50 50 50 W1 8.4 + 1.5/-.00 12.4 + 2.0/-.00 24.4 + 2.0/-.00 16.4 + 2.0/-.00 16.4 + 2.0/-.00 16.4 + 2.0/-.00 W2 max. 14.4 18.4 30.4 22.4 22.4 22.4 pico/nano/microSMD miniSMDC miniSMDE190 midSMD SMD SMD2 microSMD200F All microSMD series except microSMD200F nanoSMDC012F nanoSMDC016F All nanoSMDC series except nanoSMDC012F nanoSMDC016F picoSMD035F picoSMDC EIA 481-1 EIA Referenced Taped Component Dimensions for Surface-mount Devices Figure S16 P 0 E 1 E 2 F W P 2 D 0 A 0 B 0 P 1 B 1 T 1 K 0 T Cover tape Embossment Center lines of cavity |