| データシートサーチシステム |
|
microSMD050F データシート(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
microSMD050F データシート(HTML) 1 Page - Tyco Electronics |
|
1 / 16 page ![]() 131 15 • Smaller size saves board space and cost • Many product choices give engineers more design flexibility • Compatible with high-volume electronics assembly • Assists in meeting regulatory requirements • Higher voltage ratings allow use in new applications • RoHS compliant • Broadest range of resettable devices available in the industry • Current ratings from 0.05 to 3A • Voltage ratings from 6V computer and electronic applications to 60V telecom applications • Agency recognition: UL, CSA, TÜV • Small footprint • Fast time-to-trip • Low resistance • Computer • Portable electronics • Multimedia Benefits Features Applications • Game machines • Telephony and broadband • Mobile phones • Automotive • Industrial controls • Battery PolySwitch surface-mount devices are the preferred circuit protection method for computer, consumer, multimedia, portable, and automotive electronics applications. In an effort to reduce the size and cost of surface mount devices, we introduced the miniSMD product series in 1995. Subsequently, we developed the microSMD, nanoSMD and picoSMD family of products. The picoSMD series reduced the device size to a 2012mm (0805 mils) foot print, one fourth the size of the popular miniSMD series. Recent additions to the PolySwitch surface-mount series include 24V miniSMD 4532mm (1812 mils), 60V decaSMD 5050mm (2018 mils), and 2.0A microSMD 3225mm (1210 mils) devices. PolySwitch Resettable Devices Surface-mount Devices |
同様の部品番号 - microSMD050F |
|
同様の説明 - microSMD050F |