| データシートサーチシステム |
|
RUSBF090 データシート(PDF) 12 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
RUSBF090 データシート(HTML) 12 Page - Tyco Electronics |
|
12 / 18 page ![]() SURF ACE-MOUNT DEVICES FOR ELECTRONIC APPLICA TIONS 9 Dimensions (millimeters/ inches) Part IH IT V max. I max. Rmin R1 max. Agency ABCDE number (A) (A) (Vdc) (A) ( Ω)(Ω) recognition (max.) (max.) (max.) (min.) (min.) Fig. nanoSMDC012F * 0.12 0.30 30 10 1.40 6.50 Pending 3.4 (0.134) 1.00 (0.039) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 nanoSMDC016F * 0.16 0.40 30 10 1.10 5.00 Pending 3.4 (0.134) 1.00 (0.039) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 nanoSMDC020F 0.20 0.42 24 100 0.65 2.60 UL, TÜV, CSA 3.4 (0.134) 0.64 (0.025) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 nanoSMDC035F 0.35 0.75 16 20 0.45 1.40 UL, TÜV, CSA 3.4 (0.134) 0.64 (0.025) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 nanoSMDC050F/13.2 0.50 1.10 13.2 100 0.20 0.80 UL, TÜV, CSA 3.4 (0.134) 0.64 (0.025) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 nanoSMDC075F 0.75 1.50 6 100 0.12 0.40 UL, TÜV, CSA 3.4 (0.134) 0.48 (0.019) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 nanoSMDC110F 1.10 2.20 6 100 0.07 0.20 UL, TÜV, CSA 3.4 (0.134) 1.00 (0.039) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 nanoSMDC150F 1.50 3.00 6 100 0.04 0.11 UL, TÜV, CSA 3.4 (0.134) 0.89 (0.035) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 nanoSMDC200F * 2.00 4.00 6 100 0.02 0.07 Pending 3.4 (0.134) 1.25 (0.049) 1.8 (0.071) 0.25 (0.010) 0.076 (0.003) 1 * Data is preliminary. nanoSMDC Series Size: 3216 (mm), 1206 (mils) ELV Compliant, RoHS Compliant Dimensions (millimeters/ inches) Part IH IT V max. I max. Rmin R1 max. Agency ABCDE number (A) (A) (Vdc) (A) ( Ω)(Ω) recognition (max.) (max.) (max.) (min.) (min.) Fig. microSMD005F 0.05 0.15 30 10 3.6 50.0 UL, TÜV, CSA 3.43 (0.135) 0.85 (0.034) 2.80 (0.110) 0.25 (0.010) 0.20 (0.008) 1 microSMD010F 0.10 0.25 30 10 2.10 15.00 UL, TÜV, CSA 3.43 (0.135) 0.85 (0.034) 2.80 (0.110) 0.25 (0.010) 0.20 (0.008) 1 microSMD035F 0.35 0.75 6 40 0.32 1.30 UL, TÜV, CSA 3.43 (0.135) 0.62 (0.025) 2.80 (0.110) 0.25 (0.010) 0.20 (0.008) 1 microSMD050F 0.50 1.00 13.2 40 0.25 0.90 UL, TÜV, CSA 3.43 (0.135) 0.62 (0.025) 2.80 (0.110) 0.25 (0.010) 0.20 (0.008) 1 microSMD075F 0.75 1.50 6 40 0.11 0.40 UL, TÜV, CSA 3.43 (0.135) 0.62 (0.025) 2.80 (0.110) 0.25 (0.010) 0.20 (0.008) 1 microSMD110F 1.10 2.20 6 40 0.07 0.21 UL, TÜV, CSA 3.43 (0.135) 0.48 (0.019) 2.80 (0.110) 0.25 (0.010) 0.20 (0.008) 1 microSMD150F 1.50 3.00 6 40 0.04 0.11 UL, TÜV, CSA 3.43 (0.135) 1.22 (0.048) 2.80 (0.110) 0.25 (0.010) 0.20 (0.008) 1 microSMD175F 1.75 3.50 6 40 0.02 0.08 UL, TÜV, CSA 3.43 (0.135) 0.76 (0.030) 2.80 (0.110) 0.25 (0.010) 0.20 (0.008) 1 microSMD Series Size: 3225 (mm), 1210 (mils) ELV Compliant, RoHS Compliant Dimensions (millimeters/ inches) Part IH IT V max. I max. Rmin R1 max. Agency ABCDE number (A) (A) (Vdc) (A) ( Ω)(Ω) recognition (max.) (max.) (max.) (min.) (min.) Fig. miniSMDC014F 0.14 0.34 60 10 1.500 6.000 UL, TÜV, CSA 4.73 (0.186) 0.89 (0.035) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC020F 0.20 0.40 30 10 0.600 3.300 UL, TÜV, CSA 4.73 (0.186) 0.89 (0.035) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC050F 0.50 1.00 24 100 0.150 1.000 UL, TÜV, CSA 4.73 (0.186) 0.62 (0.025) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC075F 0.75 1.50 13.2 100 0.110 0.450 UL, TÜV, CSA 4.73 (0.186) 0.62 (0.025) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC075F/24 0.75 1.50 24 40 0.090 0.290 UL, TÜV, CSA 4.73 (0.186) 1.07 (0.042) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC110F 1.10 2.20 8 100 0.040 0.210 UL, TÜV, CSA 4.73 (0.186) 0.62 (0.025) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC110F/16 1.10 2.20 16 100 0.060 0.180 UL, TÜV, CSA 4.73 (0.186) 0.48 (0.019) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC110F/24 1.10 2.20 24 20 0.060 0.180 UL, TÜV, CSA 4.73 (0.186) 1.07 (0.042) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC125F 1.25 2.50 6 100 0.050 0.140 UL, TÜV, CSA 4.73 (0.186) 0.48 (0.019) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC125F/16 1.25 2.50 16 100 0.050 0.140 UL, TÜV, CSA 4.73 (0.186) 0.48 (0.019) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC150F 1.50 3.00 6 100 0.040 0.110 UL, TÜV, CSA 4.73 (0.186) 0.48 (0.019) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC150F/12 1.50 3.00 12 100 0.040 0.110 UL, TÜV, CSA 4.73 (0.186) 0.48 (0.019) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC150F/24 1.50 3.00 24 20 0.040 0.120 UL, TÜV, CSA 4.73 (0.186) 1.50 (0.060) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC160F 1.60 3.20 9 100 0.030 0.100 UL, TÜV, CSA 4.73 (0.186) 0.48 (0.019) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC200F 2.00 4.00 8 100 0.020 0.070 UL, TÜV, CSA 4.73 (0.186) 1.22 (0.048) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC260F 2.60 5.00 6 100 0.015 0.043 UL, TÜV, CSA 4.73 (0.186) 1.25 (0.050) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC260F/12 2.60 5.00 12 100 0.015 0.047 UL, TÜV, CSA 4.73 (0.186) 1.25 (0.050) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 miniSMDC260F/16 * 2.60 5.00 16 100 0.015 0.047 Pending 4.73 (0.186) 1.25 (0.050) 3.41 (0.134) 0.25 (0.010) 0.20 (0.008) 1 * Data is preliminary. miniSMDC Series Size: 4532 (mm), 1812 (mils) ELV Compliant, RoHS Compliant Coming Soon Coming Soon Coming Soon Coming Soon New New New New New New Figure 1 B C E D A Top view Side view E D Dimensions (millimeters/ inches) Part IH IT V max. I max. Rmin R1 max. Agency ABCDE number (A) (A) (Vdc) (A) ( Ω)(Ω) recognition (max.) (max.) (max.) (min.) (min.) Fig. miniSMDE190F 1.90 3.80 16 100 0.024 0.080 UL, TÜV, CSA 11.51 (0.453) 0.53 (0.021) 5.33 (0.210) 0.510 (0.020) 0.381 (0.015) 1 miniSMDE Series Size: 11550 (mm), 4420 (mils) ELV Compliant, RoHS Compliant These product lines are designed for surface-mount applications. The variety of sizes enables installation in limited space applications such as crowded printed circuit boards, digital cameras, PC cards, subnotebook computers, computer peripheral equipment, and general electronics. These devices are designed for applications where such space is constrained and resettable circuit protection is desired. |