| データシートサーチシステム |
|
PEMB3 データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PEMB3 データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() 2003 Oct 15 2 NXP Semiconductors Product data sheet PNP/PNP resistor-equipped transistors; R1 = 4.7 k Ω, R2 = open PEMB3; PUMB3 FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • Low current peripheral drivers • Replacement of general purpose transistors in digital applications • Control of IC inputs. DESCRIPTION PNP/PNP resistor-equipped transistors (see “Simplified outline, symbol and pinning” for package details). QUICK REFERENCE DATA SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − −50 V IO output current (DC) − −100 mA TR1 PNP − − − TR2 PNP − − − R1 bias resistor 4.7 − k Ω R2 bias resistor open − − PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. SIMPLIFIED OUTLINE, SYMBOL AND PINNING TYPE NUMBER PACKAGE MARKING CODE NPN/PNP COMPLEMENT NPN/NPN COMPLEMENT PHILIPS EIAJ PEMB3 SOT666 − Z3 PEMD6 PEMH7 PUMB3 SOT363 SC-88 B5*(1) PUMD6 PUMH7 TYPE NUMBER SIMPLIFIED OUTLINE AND SYMBOL PINNING PIN DESCRIPTION PEMB3 1 emitter TR1 PUMB3 2 base TR1 3 collector TR2 4 emitter TR2 5 base TR2 6 collector TR1 handbook, halfpage MAM452 12 3 4 6 5 Top view 65 4 12 3 TR1 TR2 R1 R1 |