| データシートサーチシステム |
|
SMD100F/33 データシート(PDF) 8 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
SMD100F/33 データシート(HTML) 8 Page - Tyco Electronics |
|
8 / 18 page ![]() RADIAL-LEADED DEVICES FOR ELECTRONICS APPLICA TIONS 5 16V High Temperature ELV Compliant, RoHS Compliant Dimensions (millimeters/ inches) Part IH IT V max. I max.** R1max. Agency A B C number (A) (A) (V) (A) ( Ω) recognition (max.) (max.) (nom.) Fig. RUSBF090 0.90 1.8 16 40 0.18 UL, TÜV, CSA 7.4 (0.29) 12.2 (0.48) 5.08 (0.20) 16 RUSBF110 1.10 2.2 16 40 0.14 UL, TÜV, CSA 7.4 (0.29) 14.2 (0.56) 5.08 (0.20) 16 RUSBF135 1.35 2.7 16 40 0.12 UL, TÜV, CSA 8.9 (0.35) 13.5 (0.53) 5.08 (0.20) 16 RUSBF160 1.60 3.2 16 40 0.11 UL, TÜV, CSA 8.9 (0.35) 15.2 (0.60) 5.08 (0.20) 16 RUSBF185 1.85 3.7 16 40 0.09 UL, TÜV, CSA 10.2 (0.40) 15.7 (0.62) 5.08 (0.20) 16 RUSBF250 2.50 5.0 16 40 0.06 UL, TÜV, CSA 11.4 (0.45) 18.3 (0.72) 5.08 (0.20) 16 ** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated. 6V ELV Compliant, RoHS Compliant Dimensions (millimeters/ inches) Part IH IT V max. I max.** R1max. Agency A B C number (A) (A) (V) (A) ( Ω) recognition (max.) (max.) (nom.) Fig. RUSBF075 0.75 1.30 6 40 0.23 UL, TÜV, CSA 6.9 (0.27) 11.4 (0.45) 5.08 (0.20) 17 RUSBF120 1.20 2.00 6 40 0.14 UL, TÜV, CSA 6.9 (0.27) 11.7 (0.46) 5.08 (0.20) 17 RUSBF155 1.55 2.65 6 40 0.10 UL, TÜV, CSA 6.9 (0.27) 11.7 (0.46) 5.08 (0.20) 17 ** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated. Figure 17 A B C Lead size Ø 0.51 (0.020) 24 AWG The RUSBF series devices were developed for the USB serial bus specification in computer and multi- media applications. The RUSBF series devices were developed for the USB serial bus specification in computer and multi- media applications. These 6V products are particular- ly well suited for USB computer monitor protection applications where through-hole devices are still the preferred solution. Lead size Ø 0.51 (0.020) 24 AWG Figure 16 A B C |